PART |
Description |
Maker |
AQ200GY-N3-12-TRL AQ200GY-N3-12-BUL AQ200GY-M3-12- |
3oC Accurate with Hysteresis 120oC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages 3ìC Accurate with Hysteresis 120ìC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
|
Acutechnology Semiconductor
|
MAX1932 MAX1932ETC MAXB1932ETC MAX1932ETCT |
Digitally Controlled / 0.5% Accurate / Safest APD Bias Supply Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, QCC12 "Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply" Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
EVAL-ADT7X20EBZ ADT7320 ADT7320UCPZ |
隆戮0.25隆?C Accurate, 16-Bit Digital SPI Temperature Sensor ±0.25°C Accurate, 16-Bit Digital SPI Temperature Sensor SPECIALTY ANALOG CIRCUIT, QCC16
|
Analog Devices ANALOG DEVICES INC
|
LTC1065 LTC1065C LTC1065CN8 LTC1065CS LTC1065M LTC |
DC Accurate/ Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter From old datasheet system DC Accurate Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter 直流准确,时钟可调谐线性相位五阶贝塞尔低通滤波器 DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter SWITCHED CAPACITOR FILTER, BESSEL, LOWPASS, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
AD1154 AD1154AD AD1154BD |
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 低成本,16位精确的采样保持放大 Low Cost/ 16-Bit Accurate Sample-and-Hold Amplifier Low Cost, 16-Bit Accurate Sample-and-Hold Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
24LC04B-/SN 24LC04B-I/SL 24LC04B-I/SM 24LC04B-/SM |
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal 6-/8-/12-Port DS3/E3/STS-1 LIU Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs I2C Serial EEPROM I2C串行EEPROM Extremely Accurate I<sup>2</sup>C-Integrated RTC/TCXO/Crystal I2C串行EEPROM
|
Microchip Technology, Inc. Techspray
|
LT1468CDD-PBF LT1468CDD-TRPBF LT1468CN8-PBF LT1468 |
90MHz, 22V/レs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/μs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/渭s 16-Bit Accurate Operational Amplifi er 90MHz, 22V/楼矛s 16-Bit Accurate Operational Amplifi er
|
Linear Technology
|
AD5062BRJ-1 AD5063BRM-1 AD5062BRJ-3 AD5040 AD5060 |
Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23 2.7 V-5.5 V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a Sot 23 2.7V-5.5V, Full Accurate 16-Bit Vout nanoDAC™ Converter, Unbuffered, in a MSOP
|
AD[Analog Devices]
|
2SJ338Y 2SJ338O |
TRANSISTOR | MOSFET | P-CHANNEL | 180V V(BR)DSS | 1A I(D) | TO-251AA Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| P通道| 180V五(巴西)直| 1A条(丁)|51AA
|
NEC, Corp.
|
LTC1063 LTC1063CJ8 LTC1063CN8 LTC1063CS LTC1063MJ8 |
From old datasheet system DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter DC Accurate/ Clock-Tunable 5th Order Butterworth Lowpass Filter
|
Linear Technology Corporation LINER[Linear Technology]
|
TA0038 |
DC ACCURATE FSK MODULATOR
|
RFMD[RF Micro Devices]
|